Part Number Hot Search : 
SI230 B822M LBS12204 74AUP1G EUP8095 SML4744 37AGR SI230
Product Description
Full Text Search
 

To Download 0877159200 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number: Status: Overview: Description:
0877159200 Active
1.00mm (.039") Pitch, PCI Express* Connector, 98 Circuits, Nylon 4/6 Glass-filled, Black Housing, Phosphor Bronze, Gold (Au) Flash, with Plastic Pegs, 2.54mm (.100") Soldertail, Lead Free
Agency Certification
CSA UL LR19980 E29179
EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Halogen-Free Status Not Halogen-Free Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions.
General
Product Family Series Comments Component Type Overview Product Name Edge Card Connectors 87715 PCI 8 lanes Edgecard to PCB pci_express_card_edge_connector PCI Express*
Physical
Circuits (Loaded) Circuits (maximum) Circuits Detail Durability (mating cycles max) Entry Angle Flammability Keying to Mating Part Material - Plating Mating Material - Plating Termination PC Tail Length (in) PC Tail Length (mm) PCB Locator PCB Retention PCB Thickness Recommended (in) PCB Thickness Recommended (mm) Packaging Type Pitch - Mating Interface (in) Pitch - Mating Interface (mm) Pitch - Term. Interface (in) Pitch - Term. Interface (mm) Polarized to Mating Part Temperature Range - Operating Termination Interface: Style 98 98 All Signal 50 Vertical (Top Entry) 94V-0 Yes Gold Tin 0.100 In 2.54 mm Yes Yes 0.062 In 1.60 mm Tray 0.039 In 1.00 mm 0.039 In 1.00 mm Yes -55C to +85C Through Hole Search Parts in this Series 87715Series Mates With PCI Express Card
Electrical
Current - Maximum per Contact Voltage - Maximum 1.1A 50V AC (RMS)/DC
Solder Process Data
Lead-free Process Capability Process Temperature max. C Wave Capable (TH only) 245
Material Info Reference - Drawing Numbers
Packaging Specification Product Specification PK-87715-207 PS-87715-200
Sales Drawing Test Summary * PCI Express is a registered trademark of PCI-SIG(R)
SD-87715-207 TS-87715-207
This document was generated on 06/04/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


▲Up To Search▲   

 
Price & Availability of 0877159200

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X